Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4532BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4532BEY
Description  8-BIT PRIORITY ENCODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4532BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4532BEY Datasheet HTML 1Page - STMicroelectronics HCF4532BEY Datasheet HTML 2Page - STMicroelectronics HCF4532BEY Datasheet HTML 3Page - STMicroelectronics HCF4532BEY Datasheet HTML 4Page - STMicroelectronics HCF4532BEY Datasheet HTML 5Page - STMicroelectronics HCF4532BEY Datasheet HTML 6Page - STMicroelectronics HCF4532BEY Datasheet HTML 7Page - STMicroelectronics HCF4532BEY Datasheet HTML 8Page - STMicroelectronics HCF4532BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
May 2004
s
CONVERTS FROM 1 TO 8 TO INPUTS
BINARY
s
PROVIDES CASCADING FEATURE TO
HANDLE ANY NUMBER OF INPUTS
s
GROUP SELECT INDICATES ONE OR
MORE PRIORITY INPUTS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4532B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4532B consists of a combinational logic that
encodes the highest priority input (D7-D0) to a
3-bit binary code. The eight inputs, D7 through D0,
each have an assigned priority. D7 is the highest
priority and D0 is the lowest. The priority encoder
is inhibited when the chip enable input EI is low.
When EI is high, the binary representation of the
highest priority input appears on output lines
Q2-Q0, and thegroup select lineGS is highto
indicate that priority inputs are present. The
enable out (EO) is high when no priority inputs are
present. If any input is high, EO is low and all
cascaded lower order stages are disabled.
HCF4532B
8-BIT PRIORITY ENCODER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4532BEY
SOP
HCF4532BM1
HCF4532M013TR
DIP
SOP
Rev. 2


Similar Part No. - HCF4532BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4532BEY STMICROELECTRONICS-HCF4532BEY Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
More results

Similar Description - HCF4532BEY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
8-Input Priority Encoder
REV 5
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
8-input priority encoder
1990 Mar 01
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
8-bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
CMOS 8-Bit Priority Encoder
December 1992
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
CMOS 8-Bit Priority Encoder
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
8-Bit Priority Encoder
July, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com