Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4002
Description  RAD-HARD DUAL 4-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4002 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4002 Datasheet HTML 1Page - STMicroelectronics M54HC4002 Datasheet HTML 2Page - STMicroelectronics M54HC4002 Datasheet HTML 3Page - STMicroelectronics M54HC4002 Datasheet HTML 4Page - STMicroelectronics M54HC4002 Datasheet HTML 5Page - STMicroelectronics M54HC4002 Datasheet HTML 6Page - STMicroelectronics M54HC4002 Datasheet HTML 7Page - STMicroelectronics M54HC4002 Datasheet HTML 8Page - STMicroelectronics M54HC4002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2004
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4002
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9201-130
DESCRIPTION
The M54HC4002 is an high speed CMOS DUAL
4-INPUT NOR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3-stage
including buffered output, which gives high noise
immunity and a stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4002
RAD-HARD DUAL 4-INPUT NOR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4002D
M54HC4002D1
FPC
M54HC4002K
M54HC4002K1
DILC-14
FPC-14
Rev. 1


Similar Part No. - M54HC4002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
DUAL 4 INPUT NOR GATE
Oct-1992
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4002D STMICROELECTRONICS-M54HC4002D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4002F1R STMICROELECTRONICS-M54HC4002F1R Datasheet
233Kb / 9P
DUAL 4 INPUT NOR GATE
Oct-1992
M54HC4002K STMICROELECTRONICS-M54HC4002K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
Dual 4-input NOR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
Dual 4-Input NOR Gate
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
DUAL 4-INPUT NOR GATE
Sep-2001
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
RAD-HARD DUAL 4-INPUT NAND GATE
Apr-2004
M54HC21 STMICROELECTRONICS-M54HC21_04 Datasheet
119Kb / 8P
RAD-HARD DUAL 4-INPUT AND GATE
Apr-2004
M54HC27 STMICROELECTRONICS-M54HC27_04 Datasheet
103Kb / 8P
RAD-HARD TRIPLE 3-INPUT NOR GATE
Apr-2004
M54HC4072 STMICROELECTRONICS-M54HC4072_04 Datasheet
192Kb / 9P
RAD-HARD DUAL 4-INPUT OR GATE
14-May-2004
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
Dual 4-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com