Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4002 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4002
Description  RAD-HARD DUAL 4-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4002 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4002 Datasheet HTML 1Page - STMicroelectronics M54HC4002 Datasheet HTML 2Page - STMicroelectronics M54HC4002 Datasheet HTML 3Page - STMicroelectronics M54HC4002 Datasheet HTML 4Page - STMicroelectronics M54HC4002 Datasheet HTML 5Page - STMicroelectronics M54HC4002 Datasheet HTML 6Page - STMicroelectronics M54HC4002 Datasheet HTML 7Page - STMicroelectronics M54HC4002 Datasheet HTML 8Page - STMicroelectronics M54HC4002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M54HC4002
2/9
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
1, 13
1Y, 2Y
Data Outputs
2, 9
1A, 2A
Data Inputs
3, 10
1B, 2B
Data Inputs
4, 11
1C, 2C
Data Inputs
5, 12
1D, 2D
Data Inputs
6, 8
N.C.
Not Connected
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
nA
nB
nC
nD
nY
LLLL
H
H
XXX
L
XHX
X
L
XX
H
X
L
XXX
H
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com