Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9856 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9856
Description  High voltage high-side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9856 Datasheet HTML 2Page - STMicroelectronics L9856 Datasheet HTML 3Page - STMicroelectronics L9856 Datasheet HTML 4Page - STMicroelectronics L9856 Datasheet HTML 5Page - STMicroelectronics L9856 Datasheet HTML 6Page - STMicroelectronics L9856 Datasheet HTML 7Page - STMicroelectronics L9856 Datasheet HTML 8Page - STMicroelectronics L9856 Datasheet HTML 9Page - STMicroelectronics L9856 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
L9856
6/14
2
Electrical specifications
2.1
Thermal data
2.2
Absolute maximum ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may
occur. All voltage parameters are absolute voltages referenced to GND, all currents are defined
positive into any lead. An operation above the absolute maximum limit is not implied and can
damage the part.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-amb)
Thermal resistance junction to ambient
Max.
150
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Units
Min.
Max.
VBS
High side floating supply voltage.
-0.3
20
V
VB
High side driver output stage voltage neg.
transient: 0.5 ms, external MOSFET off.
-5
166
V
VS
High side floating supply offset voltage neg.
transient 0.1 µs, repetitive pulse over lifetime at
every switching event.
-8
150
V
VHO
Output voltage gate connection.
VS - 0.3
VB + 0.3
V
VCC
Supply voltage.
-0.3
20
V
VIN
Input voltage.
-0.3
VCC + 0.3
V
IIN
Input injection current. Full function, no latch-
up; (guaranteed by design). Test at 5 V and 7 V
on Eng. Samples.
---
+1
mA
VRES
Reset input voltage.
-0.3
VCC + 0.3
V
Vesd
Electrostatic discharge voltage (human body
model).
2k
V
VCDM
Charge device model CDM, EOS/ESD Ass.
Std 5.3. Number of discharges per pin: 6.
500
V
dV/dt
Allowable offset voltage slew rate.
-50
50
V/nsec
TJ
Junction temperature.
-55
150
°C
Tstg
Storage temperature.
-55
150
TL
Lead temperature (Soldering, 10 seconds) 3
times Bosch soldering profile acc. to Bosch
soldering conditions, Gen. Spec.
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com