Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9856 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9856
Description  High voltage high-side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856 Datasheet(HTML) 1 Page - STMicroelectronics

  L9856 Datasheet HTML 1Page - STMicroelectronics L9856 Datasheet HTML 2Page - STMicroelectronics L9856 Datasheet HTML 3Page - STMicroelectronics L9856 Datasheet HTML 4Page - STMicroelectronics L9856 Datasheet HTML 5Page - STMicroelectronics L9856 Datasheet HTML 6Page - STMicroelectronics L9856 Datasheet HTML 7Page - STMicroelectronics L9856 Datasheet HTML 8Page - STMicroelectronics L9856 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2008
Rev 2
1/14
1
L9856
High voltage high-side driver
Features
■ High voltage rail up to 160 V
■ dV/dt immunity ±50 V/nsec in full temperature
range
■ Driver current capability:
500 mA source,
500 mA sink
■ Switching times 100 ns rise/fall with 2.5 nF load
■ CMOS/TTL Schmitt trigger inputs with
hysteresis
■ Under voltage lock out
■ Clamping on VCC
■ Loading circuit for external Bootstrap capacitor
■ Inverting input
■ Reset circuitry
■ SO-8 package
Description
The L9856 is an high voltage device,
manufactured with the BCD "OFF-LINE"
technology.
It has the capability of driving N-Channel Power
MOS transistors. The upper (floating) section is
enabled to work with voltage rail up to 160 V. The
logic Inputs are CMOS/TTL compatible for ease
of interfacing with controlling devices.
SO-8
Table 1.
Device summary
Order code
Operating temp range,
°CPackage
Packing
L9856
-40 to +125
SO-8
Tube
L9856TR
-40 to +125
SO-8
Tape and Reel
www.st.com


Similar Part No. - L9856

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9856 STMICROELECTRONICS-L9856 Datasheet
172Kb / 14P
High voltage high-side driver
20-Sep-2013
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
High voltage high-side driver
20-Sep-2013
More results

Similar Description - L9856

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6801 INTERSIL-ISL6801 Datasheet
96Kb / 6P
High Voltage Bootstrap High Side Driver
July 25, 2005
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Mitsubishi Electric Sem...
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
HIGH VOLTAGE HIGH SIDE DRIVER
M81725FP MITSUBISHI-M81725FP Datasheet
70Kb / 6P
HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L9857 STMICROELECTRONICS-L9857 Datasheet
124Kb / 11P
High voltage high-side driver
07-Oct-2009
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
High-voltage high/low-side driver
25-Jul-2012
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
High voltage high-side driver
20-Sep-2013
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
High Voltage Bootstrap High Side Driver
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com