Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39300 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39300
Description  Ultra low drop BICMOS voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39300 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39300 Datasheet HTML 3Page - STMicroelectronics LD39300 Datasheet HTML 4Page - STMicroelectronics LD39300 Datasheet HTML 5Page - STMicroelectronics LD39300 Datasheet HTML 6Page - STMicroelectronics LD39300 Datasheet HTML 7Page - STMicroelectronics LD39300 Datasheet HTML 8Page - STMicroelectronics LD39300 Datasheet HTML 9Page - STMicroelectronics LD39300 Datasheet HTML 10Page - STMicroelectronics LD39300 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LD39300
Maximum ratings
7/17
4
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. All values are referred to
GND.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
-0.3 to 6.5
V
VINH
INHIBIT Input voltage
-0.3 to VI +0.3 (6.5V Max)
V
VO
DC Output voltage
-0.3 to VI +0.3 (6.5V Max)
V
VADJ
ADJ Pin voltage
-0.3 to VI +0.3 (6.5V Max)
V
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-50 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal Data
Symbol
Parameter
PPAK
DPAK
Unit
RthJA
Thermal resistance junction-ambient
100
100
°C/W
RthJC
Thermal resistance junction-case
8
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com