Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39300 Datasheet (PDF) - STMicroelectronics

LD39300 Datasheet PDF - STMicroelectronics
Part # LD39300
Download  LD39300 Download
File Size   359.0 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop BICMOS voltage regulator

LD39300 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD39300 Datasheet PDF - STMicroelectronics

Part # LD39300
Download  LD39300 Click to download

File Size   359.0 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop BICMOS voltage regulator

LD39300 Datasheet (HTML) - STMicroelectronics


LD39300 Product details

Description
The LD39300 is a fast ultra low drop linear regulator which operates from 2.5V to 6V input supply.
A wide range of output options are available. The low drop voltage, low noise, and ultra low quiescent current make it suitable for low voltage microprocessor and memory applications. The device is developed on a BiCMOS process which allows low quiescent current operation independently of output load current.

Feature summary
■ 3A Guaranteed output current
■ Ultra low dropout voltage (200mV typ. @ 3A load, 40mV typ. @600mA load)
■ Very low quiescent current (1.2mA typ. @ 3A load, 1µA max @ 25°C in off mode)
■ Logic-controlled electronic shutdown
■ Current and thermal internal limit
■ ±1.5% Output voltage tolerance @ 25°C
■ Fixed and ADJ output voltages: 1.22V, 1.8V, 2.5V, 3.3V, ADJ. (*see order code)
■ Temperature range: -40 to 125°C
■ Fast dynamic response to line and load changes
■ Stable with ceramic capacitor (see paragraph 7.1, 7.2, 7.3)
■ Available in PPAK and DPAK

Typical application
■ Microprocessor power supply
■ DSPs power supply
■ Post regulators for switchin suppliers
■ High efficiency linear regulator




Similar Part No. - LD39300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
Very low noise without bypass capacitor
11-Feb-2014
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
More results


Similar Description - LD39300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
150mA Ultra Low Drop Out Voltage Regulator
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
Ultra low drop BiCMOS voltage regulator
12-Jan-2009
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
Ultra low power low drop voltage small current voltage regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com