Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49150 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD49150
Description  1.5A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD49150 Datasheet HTML 10Page - STMicroelectronics LD49150 Datasheet HTML 11Page - STMicroelectronics LD49150 Datasheet HTML 12Page - STMicroelectronics LD49150 Datasheet HTML 13Page - STMicroelectronics LD49150 Datasheet HTML 14Page - STMicroelectronics LD49150 Datasheet HTML 15Page - STMicroelectronics LD49150 Datasheet HTML 16Page - STMicroelectronics LD49150 Datasheet HTML 17Page - STMicroelectronics LD49150 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application hints
LD49150
14/20
8.6
VIN and VBIAS power sequencing
In common applications where the power on transient of VIN and VBIAS voltages are not
particularly fast (Tr>100µs), no power sequencing is required. Where voltage transient input
(Tr<100µs) is very fast, it is recommended to have the VIN voltage present before or, at least, at
the same time as the VBIAS voltage in order to avoid overvoltage spikes during the power on
transient (refer to the figures in the typical characteristics). Where VIN transient input
(Tr<<100µs) is very fast for the fixed VOUT versions, it is possible to avoid start-up overvoltage
spikes by pulling the VINH pin up to VIN voltage (refer to relative typical characteristics figures at
pages 11 and 12).
8.7
Power dissipation/heatsinking
A heatsink may be required depending on the maximum power dissipation and maximum
ambient temperature of the application. Under all possible conditions, the junction temperature
must be within the range specified under operating conditions. The total power dissipation of
the device is given by:
PD = VIN x IIN + VBIAS x IBIAS - VOUT x IOUT
Where:
VIN, Input supply voltage
VBIAS, Bias supply voltage
VOUT, Output voltage
IOUT, Load current
From this data, we can calculate the thermal resistance (
θ
SA) required for the heat sink using
the following formula:
θ
SA = (TJ - TA/PD) - (
θ
JC +
θ
CS)
The maximum allowed temperature rise (TRmax) depends on the maximum ambient
temperature (TAmax) of the application, and the maximum allowable junction temperature
(TJmax):
TRmax = TJmax - TAmax
The maximum allowable value for junction to ambient thermal resistance,
θ
JA, can be
calculated using the formula:
θ
JAmax = TRmax / PD
This part is available for the PPAK package.
The thermal resistance depends on the amount of copper area or heat sink, and on air flow. If
the maximum allowable value of
θ
JA calculated above is ≥100 °C/W for the PPAK package, no
heatsink is needed since the package can dissipate enough heat to satisfy these requirements.
If the value for allowable
θ
JA falls below these limits, a heat sink is required as described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com