Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD49150
Description  1.5A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150 Datasheet(HTML) 5 Page - STMicroelectronics

  LD49150 Datasheet HTML 1Page - STMicroelectronics LD49150 Datasheet HTML 2Page - STMicroelectronics LD49150 Datasheet HTML 3Page - STMicroelectronics LD49150 Datasheet HTML 4Page - STMicroelectronics LD49150 Datasheet HTML 5Page - STMicroelectronics LD49150 Datasheet HTML 6Page - STMicroelectronics LD49150 Datasheet HTML 7Page - STMicroelectronics LD49150 Datasheet HTML 8Page - STMicroelectronics LD49150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LD49150
Pin configuration
5/20
3
Pin configuration
Table 1.
Pin description
Figure 5.
Pin connections (top view)
Pln n°
Symbol
Note
1
EN
Enable (Input): Logic High = Enable, Logic Low = Shutdown.
ADJ
Adjustable regulator feedback input. Connect to resistor voltage divider.
2
VIN
Input voltage which supplies current to the output power device.
3
GND
Ground (TAB is connected to ground).
4
VOUT
Regulator output.
5
VBIAS
Input bias voltage for powering all circuitry on the regulator with the exception of the output
power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com