Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM335
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM335 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM335 Datasheet HTML 8Page - STMicroelectronics LM335 Datasheet HTML 9Page - STMicroelectronics LM335 Datasheet HTML 10Page - STMicroelectronics LM335 Datasheet HTML 11Page - STMicroelectronics LM335 Datasheet HTML 12Page - STMicroelectronics LM335 Datasheet HTML 13Page - STMicroelectronics LM335 Datasheet HTML 14Page - STMicroelectronics LM335 Datasheet HTML 15Page - STMicroelectronics LM335 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LM135-LM235-LM335
Ordering information
15/16
7
Ordering information
8
Revision history
Table 7.
Order codes
Order code
Temperature
range
Package
Packing
Marking
LM135Z
-55°C to +150°C
TO-92
Bulk
LM135
LM235D
LM235DT
-40°C to +125°C
SO-8
Tube or
Tape & reel
LM235
LM235Z
-40°C to +125°C
TO-92
Bulk
LM235
LM335D
LM335DT
-40°C to +100°C
SO-8
Tube or
Tape & reel
LM335
LM335AD
LM335ADT
LM335A
LM335Z
-40°C to +100°C
TO-92
Bulk
LM335
LM335AZ
LM335AZT
Bulk or
Tape & reel
LM335A
Table 8.
Document revision history
Date
Revision
Changes
6-May-2003
1
Initial release.
13-April-2004
2
Corrected error in pinout diagram for TO-92 package on cover page
(it is a bottom view, not a top view).
11-Feb-2007
3
Updated Section 6: Package information and Table 7: Order codes.
Corrected typical values for uncalibrated temperature error in
Table 2.
Improved quality of electrical characteristics curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com