Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM335
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM335 Datasheet(HTML) 2 Page - STMicroelectronics

  LM335 Datasheet HTML 1Page - STMicroelectronics LM335 Datasheet HTML 2Page - STMicroelectronics LM335 Datasheet HTML 3Page - STMicroelectronics LM335 Datasheet HTML 4Page - STMicroelectronics LM335 Datasheet HTML 5Page - STMicroelectronics LM335 Datasheet HTML 6Page - STMicroelectronics LM335 Datasheet HTML 7Page - STMicroelectronics LM335 Datasheet HTML 8Page - STMicroelectronics LM335 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Schematic diagram
LM135-LM235-LM335
2/16
1
Schematic diagram
Figure 1.
Schematic diagram
2
Absolute maximum ratings
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
LM135
LM235
LM335-
LM335A
Unit
IR
IF
Current
Reverse
Forward
15
10
mA
Toper
Operating free-air temperature
range(1)
Continuous
Intermittent
1.
Tj ≤ 150°C
-55 to +150
+150 to +200
-40 to +125
+125 to +150
-40 to +100
+100 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com