Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM323
Description  Three-terminal 3 A adjustable voltage regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323 Datasheet(HTML) 1 Page - STMicroelectronics

  LM323 Datasheet HTML 1Page - STMicroelectronics LM323 Datasheet HTML 2Page - STMicroelectronics LM323 Datasheet HTML 3Page - STMicroelectronics LM323 Datasheet HTML 4Page - STMicroelectronics LM323 Datasheet HTML 5Page - STMicroelectronics LM323 Datasheet HTML 6Page - STMicroelectronics LM323 Datasheet HTML 7Page - STMicroelectronics LM323 Datasheet HTML 8Page - STMicroelectronics LM323 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2008
Rev 4
1/15
15
LM323
Three-terminal 3 A adjustable voltage regulators
Features
■ Output current: 3 A
■ Internal current and thermal limiting
■ Typical output impedance: 0.01 W
■ Minimum input voltage: 7.5 V
■ Power dissipation: 30 W
Description
The LM323 are three-terminal positive voltage
regulators with a preset 5 V output and a load
driving capability of 3 A. New circuit design and
processing techniques are used to provide the
high output current without sacrificing the
regulation characteristics of lower current devices.
The 3 A regulator is virtually blowout proof.
Current limiting, power limiting and thermal shut-
down provide the same high level of reliability
obtained with these techniques in the LM209, 1 A
regulator. An overall worst case specification for
the combined effects of input voltage, load
current, ambient temperature, and power
dissipation ensure that the LM323 will perform
satisfactorily as a system element.
TO-220
TO-3
Table 1.
Device summary
Order codes
Temperature range
TO-220
TO-3
LM323T
LM323K
0°C to 125°C
www.st.com


Similar Part No. - LM323

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
logo
STMicroelectronics
LM323 STMICROELECTRONICS-LM323 Datasheet
170Kb / 9P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
Mar-1993
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
SYC Electronica
LM323 SYC-LM323 Datasheet
210Kb / 8P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Connor-Winfield Corpora...
LM323-155.52M CONNOR-WINFIELD-LM323-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - LM323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM138 STMICROELECTRONICS-LM138_08 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
Three-terminal 3 A adjustable voltage regulators
11-Feb-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com