Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323K Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM323K
Description  Three-terminal 3 A adjustable voltage regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM323K Datasheet HTML 2Page - STMicroelectronics LM323K Datasheet HTML 3Page - STMicroelectronics LM323K Datasheet HTML 4Page - STMicroelectronics LM323K Datasheet HTML 5Page - STMicroelectronics LM323K Datasheet HTML 6Page - STMicroelectronics LM323K Datasheet HTML 7Page - STMicroelectronics LM323K Datasheet HTML 8Page - STMicroelectronics LM323K Datasheet HTML 9Page - STMicroelectronics LM323K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
LM323
6/15
4
Electrical characteristics
Table 4.
Electrical characteristics (TJ = 0 to 150 °C, unless otherwise specified
(1))
1.
Although power dissipation is internally limited, specifications apply only for P
≤30 W.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage rang (2)
2.
Selected devices with tightened tolerance output voltage available.
TJ = 25°C, VI = 7.5 V, IO = 0
4.8
5
5.2
V
VO
Output voltage range (2)
TJ = Tmin to Tmax, P ≤Pmax
VI = 7.5 to 15 V, IO = 0 to 3 A
4.75
5.25
V
KVI
Line regulation (3)
3.
Load and line regulation are specified at constant junction temperature. Pulse testing is required with a pulse width
≤1 ms
and duty cycle
≤5 %.
VI = 7.5 to 15 V, TJ = 25°C
5
25
mV
KVO
Load regulation (Note 3)
IO = 0 to 3 A, VI = 7.5 V, TJ = 25°C
25
100
mV
IIB
Quiescent current
VI = 7.5 to 15 V, IO = 0 to 3 A
12
20
mA
VNO
Output noise voltage
TJ = 25°C, f = 10 Hz to 100 kHz
40
µVRMS
IOS
Short circuit current limit
VI = 15 V, TJ = 25°C
3
4.5
A
VI = 7.5 V, TJ = 25°C
4
5
KVH
Long term stability
35
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com