Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323K Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM323K
Description  Three-terminal 3 A adjustable voltage regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM323K Datasheet HTML 6Page - STMicroelectronics LM323K Datasheet HTML 7Page - STMicroelectronics LM323K Datasheet HTML 8Page - STMicroelectronics LM323K Datasheet HTML 9Page - STMicroelectronics LM323K Datasheet HTML 10Page - STMicroelectronics LM323K Datasheet HTML 11Page - STMicroelectronics LM323K Datasheet HTML 12Page - STMicroelectronics LM323K Datasheet HTML 13Page - STMicroelectronics LM323K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical application
LM323
10/15
* Selected for 20 mA current from unregulated negative supply.
** Solid tantalum.
A = LM101A, LM201A, LM301A.
A1 = LM101A, LM201A, LM301A.
CI = 2 µF optional - improves ripple rejection, noise and transient response.
Figure 15.
10 A regulator with complete overload protection
Figure 16.
Adjustable regulator 0 - 10 V / 3 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com