Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM350 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM350
Description  Three-terminal 3 A adjustable voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM350 Datasheet(HTML) 1 Page - STMicroelectronics

  LM350 Datasheet HTML 1Page - STMicroelectronics LM350 Datasheet HTML 2Page - STMicroelectronics LM350 Datasheet HTML 3Page - STMicroelectronics LM350 Datasheet HTML 4Page - STMicroelectronics LM350 Datasheet HTML 5Page - STMicroelectronics LM350 Datasheet HTML 6Page - STMicroelectronics LM350 Datasheet HTML 7Page - STMicroelectronics LM350 Datasheet HTML 8Page - STMicroelectronics LM350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2008
Rev 2
1/14
14
LM350
Three-terminal 3 A adjustable voltage regulators
Features
Guaranteed 3 A output current
Adjustable output down to 1.2 V
Line regulation typically 0.005 %/V
Load regulation typically 0.1 %
Guaranteed thermal regulation
Current limit constant with temperature
Standard 3-lead transistor package
TO-3
Table 1.
Device summary
Order codes
TO-3
Temperature range
LM350K
0 to 125 °C
www.st.com


Similar Part No. - LM350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM350 MOTOROLA-LM350 Datasheet
172Kb / 12P
THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
LM350 STMICROELECTRONICS-LM350 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
LM350 ONSEMI-LM350 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - LM350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM138 STMICROELECTRONICS-LM138_08 Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com