Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM723
Description  High precision voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM723 Datasheet HTML 3Page - STMicroelectronics LM723 Datasheet HTML 4Page - STMicroelectronics LM723 Datasheet HTML 5Page - STMicroelectronics LM723 Datasheet HTML 6Page - STMicroelectronics LM723 Datasheet HTML 7Page - STMicroelectronics LM723 Datasheet HTML 8Page - STMicroelectronics LM723 Datasheet HTML 9Page - STMicroelectronics LM723 Datasheet HTML 10Page - STMicroelectronics LM723 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM723
Electrical characteristics
7/21
5
Electrical characteristics
Table 4.
Electrical characteristics for LM723 (refer to the test circuits, TA = 25 °C, unless
otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔVO/ΔVI Line regulation
VI = 12 to 15 V
0.01
0.1
%
VI = 12 to 40 V
0.02
0.2
VI = 12 to 15 V, TA = -55 to 125°C
0.3
ΔVO/VO Load regulation
IO = 1 to 50 mA
0.03
0.15
%
IO = 1 to 10 mA, TA = -55 to 125°C
0.6
VREF
Reference voltage
IREF = 160 µA
6.95
7.15
7.35
V
SVR
Supply voltage rejection
f = 100 Hz to 10kHz
CREF = 0
74
dB
CREF = 5µF
86
ΔVO/ΔT Output voltage drift
150
ppm/°C
ISC
Output current limit
RSC = 10Ω, VO = 0 V
65
mA
VI
Input voltage range
9.5
40
V
VO
Output voltage range
2
37
V
VO-VI
338
V
Id
Quiescent current
VI = 30V, IO = 0 mA
2.3
5
mA
KVH
Long term stability
0.1
%/1000
hrs
eN
Output noise voltage
BW = 100 Hz to 10 kHz
CREF = 0
20
µV
CREF = 5µF
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com