Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM723
Description  High precision voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM723 Datasheet HTML 10Page - STMicroelectronics LM723 Datasheet HTML 11Page - STMicroelectronics LM723 Datasheet HTML 12Page - STMicroelectronics LM723 Datasheet HTML 13Page - STMicroelectronics LM723 Datasheet HTML 14Page - STMicroelectronics LM723 Datasheet HTML 15Page - STMicroelectronics LM723 Datasheet HTML 16Page - STMicroelectronics LM723 Datasheet HTML 17Page - STMicroelectronics LM723 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Applications information
LM723
14/21
Note:
Typical performance
Regulated output voltage...................5 V
Line regulation (
Δ VI = 3 V)...........0.5 mV
Load regulation (
Δ IO = 1 A)..........1.5 mV
Note:
Typical performance
Regulated output voltage....................5 V
Line regulation (
Δ VI = 3 V)............0.5 mV
Load regulation (
Δ IO = 10 mA)........1 mV
Current limit knee...........................20 mA
Figure 20.
Positive voltage regulator (external PNP pass transistor)
Figure 21.
Foldback current limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com