Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH23
Description  LNBs supply and control IC with step-up and I²C interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH23 Datasheet HTML 5Page - STMicroelectronics LNBH23 Datasheet HTML 6Page - STMicroelectronics LNBH23 Datasheet HTML 7Page - STMicroelectronics LNBH23 Datasheet HTML 8Page - STMicroelectronics LNBH23 Datasheet HTML 9Page - STMicroelectronics LNBH23 Datasheet HTML 10Page - STMicroelectronics LNBH23 Datasheet HTML 11Page - STMicroelectronics LNBH23 Datasheet HTML 12Page - STMicroelectronics LNBH23 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LNBH23
Pin configuration
9/32
3
Pin configuration
Figure 3.
Pin connections (top view for PowerSSO-24, bottom view for QFN32)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
NC
ISEL
VUP
NC
VoTX
VoRX
A-GND
VCC
VCC-L
BYP
DETIN
NC
VCTRL
NC
LX
P-GND
SDA
SCL
ADDR
DSQOUT
DSQIN
NC
14
13
TTX
EXTM
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
NC
ISEL
VUP
NC
VoTX
VoRX
A-GND
VCC
VCC-L
BYP
DETIN
NC
VCTRL
NC
LX
P-GND
SDA
SCL
ADDR
DSQOUT
DSQIN
NC
14
13
TTX
EXTM
QFN32 (5x5 mm)
PowerSSO-24
Table 2.
Pin description
Pin n° for
QFN32
Pin n° for
PSSO-24
Symbol
Name
Function
19
17
VCC
Supply input
8 to 15 V IC DC-DC power supply.
18
16
VCC–L
Supply input
8 to 15 V analog power supply.
4
6
LX
N-MOS drain
Integrated N-Channel power MOSFET drain.
27
22
VUP
Step-Up voltage
Input of the linear post-regulator. The voltage on this pin is
monitored by the internal step-up controller to keep a
minimum dropout across the linear pass transistor.
21
19
VoRX
LDO output port
Output of the integrated low drop linear post-regulator. See
truth tables for voltage selections and description.
22
20
VoTX
Output port for 22
kHz tone TX
TX Output to the LNB. See truth tables for selection.
6
8
SDA
Serial data
Bi-directional data from/to I²C bus.
9
9
SCL
Serial clock
Clock from I²C bus.
12
12
DSQIN
DiSEqC input
This pin will accept the DiSEqC code from the main
microcontroller. The LNBH23 will use this code to modulate
the internally generated 22 kHz carrier. Set to ground if not
used.
14
14
TTX
TTX enable
This pin can be used, as well as the TTX I²C bit of the system
register, to control the TTX function enable before to start the
22 kHz tone transmission. Set floating or to GND if not used.
29
1
DETIN
Tone decoder
input
22 kHz tone decoder Input, must be AC coupled to the
DiSEqC 2.0 bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com