Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH23
Description  LNBs supply and control IC with step-up and I²C interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH23 Datasheet HTML 9Page - STMicroelectronics LNBH23 Datasheet HTML 10Page - STMicroelectronics LNBH23 Datasheet HTML 11Page - STMicroelectronics LNBH23 Datasheet HTML 12Page - STMicroelectronics LNBH23 Datasheet HTML 13Page - STMicroelectronics LNBH23 Datasheet HTML 14Page - STMicroelectronics LNBH23 Datasheet HTML 15Page - STMicroelectronics LNBH23 Datasheet HTML 16Page - STMicroelectronics LNBH23 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LNBH23
Application circuit
13/32
Component
Notes
L1
22 µH Inductor with Isat>Ipeak where Ipeak is the boost converter peak current:
L2
FERRITE BEAD, Panasonic-EXCELS A35 or Murata-BL01RN1-A62 or Taiyo-Yuden-
BKP1608HS600 or equivalent with similar or higher impedance and current rating
higher than 2A
L3
220µH-270µH Inductor with current rating higher than rated output current
Table 5.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com