Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940V5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4940V5
Description  Very low drop 1.5 A regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4940V5 Datasheet HTML 13Page - STMicroelectronics L4940V5 Datasheet HTML 14Page - STMicroelectronics L4940V5 Datasheet HTML 15Page - STMicroelectronics L4940V5 Datasheet HTML 16Page - STMicroelectronics L4940V5 Datasheet HTML 17Page - STMicroelectronics L4940V5 Datasheet HTML 18Page - STMicroelectronics L4940V5 Datasheet HTML 19Page - STMicroelectronics L4940V5 Datasheet HTML 20Page - STMicroelectronics L4940V5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
L4940xx
Package mechanical data
17/23
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com