Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940V5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4940V5
Description  Very low drop 1.5 A regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V5 Datasheet(HTML) 1 Page - STMicroelectronics

  L4940V5 Datasheet HTML 1Page - STMicroelectronics L4940V5 Datasheet HTML 2Page - STMicroelectronics L4940V5 Datasheet HTML 3Page - STMicroelectronics L4940V5 Datasheet HTML 4Page - STMicroelectronics L4940V5 Datasheet HTML 5Page - STMicroelectronics L4940V5 Datasheet HTML 6Page - STMicroelectronics L4940V5 Datasheet HTML 7Page - STMicroelectronics L4940V5 Datasheet HTML 8Page - STMicroelectronics L4940V5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
February 2008
Rev 10
1/23
23
L4940xx
Very low drop 1.5 A regulator
Features
■ Precise 5, 8.5, 10, 12 V outputs
■ Low dropout voltage (450 mV typ. at 1 A)
■ Very low quiescent current
■ Thermal shutdown
■ Short circuit protection
■ Reverse polarity protection
Description
The L4940 series of three terminal positive
regulators is available in TO-220, TO-220FP and
D2PAK packages and with several fixed output
voltages, making it useful in a wide range of
industrial and consumer applications. Thanks to
its very low input/output voltage drop, these
devices are particularly suitable for batteries
powered equipment, reducing consumption and
prolonging battery life. Each type employs internal
current limiting, antisaturation circuit, thermal
shut-down and safe area protection.
D2PAK
TO-220FP
TO-220
Table 1.
Device summary
Part number
Order code
Output voltage
TO-220
TO-220FP
D2PAK
L4940xx5
L4940V5
L4940D2T5-TR
5 V
L4940xx85
L4940V85
L4940P85
L4940D2T85-TR
8.5 V
L4940xx10
L4940D2T10-TR
10 V
L4940xx12
L4940D2T12-TR
12 V
www.st.com


Similar Part No. - L4940V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940V5 STMICROELECTRONICS-L4940V5 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
More results

Similar Description - L4940V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
1.5 A very low drop for low output voltage regulator
29-Jun-2010
LD49300XX08 STMICROELECTRONICS-LD49300XX08 Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com