Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBP20
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP20 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBP20 Datasheet HTML 1Page - STMicroelectronics LNBP20 Datasheet HTML 2Page - STMicroelectronics LNBP20 Datasheet HTML 3Page - STMicroelectronics LNBP20 Datasheet HTML 4Page - STMicroelectronics LNBP20 Datasheet HTML 5Page - STMicroelectronics LNBP20 Datasheet HTML 6Page - STMicroelectronics LNBP20 Datasheet HTML 7Page - STMicroelectronics LNBP20 Datasheet HTML 8Page - STMicroelectronics LNBP20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
May 2007
Rev. 10
1/24
24
LNBP20 / LNBP1X series
LNBP supply and control voltage regulator (parallel interface)
Feature summary
■ Complete interface for two LNBs remote supply
and control
■ LNB selection and stand-by function
■ Built-in tone oscillator factory trimmed at
22KHz
■ Fast oscillator start-up facilitates DiSEqCTM
encoding
■ Two supply inputs for lowest dissipation
■ Bypass function for slave operation
■ LNB short circuit protection and diagnostic
■ Auxiliary modulation input extends flexibility
■ Cable length compensation
■ Internal over temperature protection
■ Backward current protection
Description
Intended for analog and digital satellite receivers,
the LNBP is a monolithic linear voltage regulator,
assembled in PowerSO-20 and PowerSO-10,
specifically designed to provide the powering
voltages and the interfacing signals to the LNB
downconverter situated in the antenna
via the coaxial cable. Since most satellite
receivers have two antenna ports, the output
voltage of the regulator is available at one of two
logic-selectable output pins (LNBA, LNBB). When
the IC is powered and put in Stand-by (EN pin
LOW), both regulator outputs are disabled to
allow the antenna downconverters to be
supplied/controlled by others satellite receivers
sharing the same coaxial lines. In this occurrence
the device will limit at 3 mA (max) the backward
current that could flow from LNBA and LNBB
output pins to GND. (See continuous description).
PowerSO-20
PowerSO-10
1
10
www.st.com
Order codes
Part number
Package
PowerSO-20
PowerSO-10
LNBP10
LNBP10SP-TR
LNBP11
LNBP11SP-TR
LNBP12
LNBP12SP-TR
LNBP13
LNBP13SP-TR
LNBP14
LNBP14SP-TR
LNBP15
LNBP15SP-TR
LNBP16
LNBP16SP-TR
LNBP20
LNBP20PD-TR


Similar Part No. - LNBP20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP20 STMICROELECTRONICS-LNBP20 Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBP20CR STMICROELECTRONICS-LNBP20CR Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBP20PD STMICROELECTRONICS-LNBP20PD Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
More results

Similar Description - LNBP20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Jul-2003
LNBP21 STMICROELECTRONICS-LNBP21_04 Datasheet
760Kb / 24P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
05-Oct-2004
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com