Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP20 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LNBP20
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP20 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LNBP20 Datasheet HTML 11Page - STMicroelectronics LNBP20 Datasheet HTML 12Page - STMicroelectronics LNBP20 Datasheet HTML 13Page - STMicroelectronics LNBP20 Datasheet HTML 14Page - STMicroelectronics LNBP20 Datasheet HTML 15Page - STMicroelectronics LNBP20 Datasheet HTML 16Page - STMicroelectronics LNBP20 Datasheet HTML 17Page - STMicroelectronics LNBP20 Datasheet HTML 18Page - STMicroelectronics LNBP20 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LNBP20 / LNBP1X series
Typical application schematics
15/24
Figure 27. Using serial bus to save MPU I/os
VCC1
1
VCC2
2
LNBA
3
LNBB
15
GND
8
LLC
12
EXTM
11
OSEL
7
EN
5
ENT
9
VSEL
4
OLF
13
MI
14
CEXT
10
LNBP20CR
C2
10uF
MCU+V
R1
47K
AUX DATA
STR
1
D
2
CLK
3
OE
15
Q1
4
Q2
5
Q3
6
Q4
7
Q5
14
Q6
13
Q7
12
Q8
11
QS
9
QS
10
4094
TUNER
JA
JB
ANT
CONNECTORS
C4
C6
C5
2x 47nF
C3
2x 0.1µF
C1
4.7µF
MCU+V
SERIAL
BUS
MCU
I/Os
Vcc
+
17V
24V
Figure 28. Two antenna ports receiver - low cost solution
JA
JB
ANT CONNECTORS
17V
24V
VCC1
1
VCC2
2
LNBA
3
LNBB
10
GND
6
CEXT
8
OSEL
9
EN
5
ENT
7
VSEL
4
LNBP10SP
C3
2x 0.1µF
C1
4.7µF
C4
C6
C5
2x 47nF
TUNER
I/Os
MCU
MCU+V
I/Os
Vcc
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com