Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4971
Description  1.5A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4971 Datasheet(HTML) 5 Page - STMicroelectronics

  L4971 Datasheet HTML 1Page - STMicroelectronics L4971 Datasheet HTML 2Page - STMicroelectronics L4971 Datasheet HTML 3Page - STMicroelectronics L4971 Datasheet HTML 4Page - STMicroelectronics L4971 Datasheet HTML 5Page - STMicroelectronics L4971 Datasheet HTML 6Page - STMicroelectronics L4971 Datasheet HTML 7Page - STMicroelectronics L4971 Datasheet HTML 8Page - STMicroelectronics L4971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L4971
Table 6. Typical Performance (Using Evaluation Board) fsw = 100kHz
Figure 4. Test and valuation board circuit.
Figure 5. PCB and component layout of the figure 4.
Output
Voltage
Output
Ripple
Efficiency
VCC =35V IO = 1.5A
Line Regulation
Io = 1.5A VCC = 8 to 55V
Load Regulation
VCC =35V IO = 0.5 to 1.5A
3.3V
10mV
84 (%)
3mV
6mV
5.1V
10mV
86 (%)
3mV
6mV
12V
12mV
93 (%)
3mV (VCC =15 to 55V)
4mV
D97IN749A
5
2
8
4
1
L4971
C1
220
µF
63V
C8
330
µF
VO=3.3V/1.5A
Vi=8V to 55V
R1
20K
C2
2.7nF
R2
9.1K
C4
22nF
3
7
L1
126
µH
(77120)
6
D1
ST
PS3L60U
C5
100nF
C7
220nF
C6
100nF
R3
R4
C1=220
µF/63V EKE
C2=2.7nF
C5=100nF
C6=100nF
C7=220nF/63V
C8=330
µF/35V CG Sanyo
L1=126
µH KoolMu 77120 - 65 Turns - 0.5mm
R1=20K
R2=9.1K
D1=STPS3L60U
VO(V)
R3(K
Ω)
R4(K
Ω)
3.3
5.1
12
15
18
24
0
2.7
12
16
20
30
4.7
4.7
4.7
4.7
4.7
L4971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com