Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4971 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4971
Description  1.5A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4971 Datasheet(HTML) 1 Page - STMicroelectronics

  L4971 Datasheet HTML 1Page - STMicroelectronics L4971 Datasheet HTML 2Page - STMicroelectronics L4971 Datasheet HTML 3Page - STMicroelectronics L4971 Datasheet HTML 4Page - STMicroelectronics L4971 Datasheet HTML 5Page - STMicroelectronics L4971 Datasheet HTML 6Page - STMicroelectronics L4971 Datasheet HTML 7Page - STMicroelectronics L4971 Datasheet HTML 8Page - STMicroelectronics L4971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L4971
May 2005
1
FEATURES
■ UP TO 1.5A STEP DOWN CONVERTER
■ OPERATING INPUT VOLTAGE FROM 8V TO
55V
■ PRECISE 3.3V (±1%) INTERNAL
REFERENCE VOLTAGE
■ OUTPUT VOLTAGE ADJUSTABLE FROM
3.3V TO 50V
■ SWITCHING FREQUENCY ADJUSTABLE UP
TO 300KHz
■ VOLTAGE FEEDFORWARD
■ ZERO LOAD CURRENT OPERATION
■ INTERNAL CURRENT LIMITING (PULSE-
BYPULSE AND HICCUP MODE)
■ INHIBIT FOR ZERO CURRENT
CONSUMPTION
■ PROTECTION AGAINST FEEDBACK
DISCONNECTION
■ THERMAL SHUTDOWN
■ SOFT START FUNCTION
2
DESCRIPTION
The L4971 is a step down monolithic power
switching regulator delivering 1.5A at a voltage be-
tween 3.3V and 50V (selected by a simple external
divider). Realized in BCD mixed technology, the
device uses an internal power D-MOS transistor
(with a typical Rdson of 0.25
Ω) to obtain very high
efficency and high switching speed.
A switching frequency up to 300KHz is achievable
(the maximum power dissipation of the packages
must be observed).
A wide input voltage range between 8V to 55V and
output voltages regulated from 3.3V to 50V cover
the majority of today’s applications.
Features of this new generations of DC-DC con-
verter include pulse-by-pulse current limit, hiccup
mode for short circuit protection, voltage feedfor-
ward regulation, soft-start, protection against feed-
back loop disconnection, inhibit for zero current
consumption and thermal shutdown.
The device is available in plastic dual in line, DIP8
for standard assembly, and SO16W for SMD as-
sembly.
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L4971
DIP8
L4971D
SO16W
L4971D013TR
SO16 in Tape & Reel
SO16W
DIP8
Figure 1. Block Diagram
D97IN748A
5
2
8
4
1
L4971
C1
220
µF
63V
C8
330
µF
VO=3.3V/1.5A
Vi=8V to 55V
R1
20K
C2
2.7nF
R2
9.1K
C4
22nF
3
7
L1
126
µH
(77120)
6
D1
STPS
3L60U
C5
100nF
C7
220nF
C6
100nF


Similar Part No. - L4971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
L4971D STMICROELECTRONICS-L4971D Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971D STMICROELECTRONICS-L4971D Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
L4971D013TR STMICROELECTRONICS-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
More results

Similar Description - L4971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Linear Technology
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com