Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBP10
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP10 Datasheet(HTML) 4 Page - STMicroelectronics

  LNBP10 Datasheet HTML 1Page - STMicroelectronics LNBP10 Datasheet HTML 2Page - STMicroelectronics LNBP10 Datasheet HTML 3Page - STMicroelectronics LNBP10 Datasheet HTML 4Page - STMicroelectronics LNBP10 Datasheet HTML 5Page - STMicroelectronics LNBP10 Datasheet HTML 6Page - STMicroelectronics LNBP10 Datasheet HTML 7Page - STMicroelectronics LNBP10 Datasheet HTML 8Page - STMicroelectronics LNBP10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin configuration
LNBP20 / LNBP1X series
4/24
2
Pin configuration
Figure 1.
Pin connections (top view)
PowerSO-10
PowerSO-20
Table 1.
Pin Description
SYMBOL
NAME
FUNCTION
PIN NUMBER vs SALES TYPE (LNBP)
20PD 10SP 11SP 12SP 13SP 14SP 15SP 16SP
VCC1
Supply input
1
15V to 25V supply. It is
automatically selected
when VOUT= 13 or 14V
2
111
111
VCC2
Supply input
2
22V to 25V supply. It is
automatically selected
when VOUT= 18 or 19V
3
222
2222
LNBA
Output port
See truth table voltage
and port selection. In
stand-by mode this port
is powered by the MI pin
via the internal bypass
switch
4
333
3333
VSEL
Output
voltage
selection:13
or 18V (typ)
Logic control input: see
truth table
5
444
4444
EN
Port enable
Logic control input: see
truth table
6
555
5555
OSEL
Port selection
Logic control input: see
truth table
7
9
NA
NA
NA
NA
NA
NA
GND
Ground
Circuit ground. It is
internally connected to
the die frame
1
10
11
20
666
6666



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com