Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBP10
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP10 Datasheet(HTML) 5 Page - STMicroelectronics

  LNBP10 Datasheet HTML 1Page - STMicroelectronics LNBP10 Datasheet HTML 2Page - STMicroelectronics LNBP10 Datasheet HTML 3Page - STMicroelectronics LNBP10 Datasheet HTML 4Page - STMicroelectronics LNBP10 Datasheet HTML 5Page - STMicroelectronics LNBP10 Datasheet HTML 6Page - STMicroelectronics LNBP10 Datasheet HTML 7Page - STMicroelectronics LNBP10 Datasheet HTML 8Page - STMicroelectronics LNBP10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LNBP20 / LNBP1X series
Pin configuration
5/24
Note:
The limited pin availability of the PowerSO-10 package leads to drop some functions.
ENT
22KHz tone
enable
Logic control input: see
truth table
13
777
7777
CEXT
External
capacitor
Timing capacitor used by
the dynamic overload
protection. Typical
application is 4.7
μF for a
1200ms cycle
14
888
8888
EXTM
External
modulator
External modulation
input. Needs DC
decoupling to the AC
source. if not used, can
be left open.
15
NA
NA
NA
9
NA
9
9
LLC
Line length
compens.
(1V typ)
Logic control input: see
truth table
16
NA
NA
9
NA
9
NA
10
OLF
Over load
flag
Logic output (open
collector). Normally in
HIGH IMPEDANCE,
goes LOW when current
or thermal overload
occurs
17
NA
9
NA
NA
10
10
NA
MI
Master input
In stand-by mode, the
voltage on MI is routed to
LNBA pin. Can be left
open if bypass function is
not needed
18
NA
10
10
10
NA
NA
NA
LNBB
Output port
See truth tables for
voltage and port
selection
19
10
NA
NA
NA
NA
NA
NA
Table 1.
Pin Description
SYMBOL
NAME
FUNCTION
PIN NUMBER vs SALES TYPE (LNBP)
20PD 10SP 11SP 12SP 13SP 14SP 15SP 16SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com