Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP12 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBP12
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP12 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBP12 Datasheet HTML 4Page - STMicroelectronics LNBP12 Datasheet HTML 5Page - STMicroelectronics LNBP12 Datasheet HTML 6Page - STMicroelectronics LNBP12 Datasheet HTML 7Page - STMicroelectronics LNBP12 Datasheet HTML 8Page - STMicroelectronics LNBP12 Datasheet HTML 9Page - STMicroelectronics LNBP12 Datasheet HTML 10Page - STMicroelectronics LNBP12 Datasheet HTML 11Page - STMicroelectronics LNBP12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
LNBP20 / LNBP1X series
8/24
5
Electrical characteristics
Table 5.
Electrical characteristics for LNBP Series (TJ = 0 to 85°C, CI = 0.22µF, CO = 0.1µF,
EN=H, ENT=L, LLC=L, VIN1=16V, VIN2=23V IOUT=50mA, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN1
VCC1 Supply voltage
IO = 500 mA, ENT=H, VSEL=L, LLC=L
15
25
V
IO = 500 mA, ENT=H, VSEL=L, LLC=H
16
25
V
VIN2
VCC2 Supply voltage
IO = 500 mA, ENT=H, VSEL=L, LLC=L
22
25
V
IO = 500 mA, VSEL=L, LLC=H
23
25
V
VO1
Output voltage
IO = 500 mA, VSEL=H, LLC=L
17.3
18
18.7
V
IO = 500 mA, VSEL=H, LLC=H
19
V
VO2
Output voltage
IO = 500 mA, VSEL=L, LLC=L
12.5
13
13.5
V
IO = 500 mA, VSEL=L, LLC=H
14
V
ΔVO
Line regulation
VIN1=15 to 18V, VOUT=13V
4
40
mV
VIN2=22 to 25V, VOUT=18V
4
40
mV
ΔVO
Load regulation
VIN1=VIN2=22V, VOUT=13 or 18V
IO = 50 to 500mA
80
180
mV
SVR
Supply voltage rejection
VIN1 = VIN2 = 23 ± 0.5Vac, fac = 120 Hz,
45
dB
IMAX
Output current limiting
500
650
800
mA
tOFF
Dynamic overload
protection OFF time
Output Shorted, CEXT = 4.7µF
1100
ms
tON
Dynamic overload
protection ON time
Output Shorted, CEXT = 4.7µF
tOFF/15
ms
fTONE
Tone frequency
ENT=H
20
22
24
KHz
ATONE Tone amplitude
ENT=H
0.55
0.72
0.9
VPP
DTONE Tone duty cycle
ENT=H
40
50
60
%
tr, tf
Tone rise and fall time
ENT=H
5
10
15
µs
GEXTM External modulation gain
ΔVOUT/ΔVEXTM, f = 10Hz to 40KHz
5
VEXTM
External modulation input
voltage
AC Coupling
400
mVPP
ZEXTM
External modulation
impedance
f = 10Hz to 40KHz
400
Ω
VSW
Bypass switch voltage
drop (MI to LNBA)
EN=L, ISW=300mA, VCC2-VMI=4V
0.35
0.6
V
VOL
Overload flag pin logic
LOW
IOL=8mA
0.28
0.5
V
IOZ
Overload flag pin OFF
state leakage current
VOH = 6V
10
µA
VIL
Control input pin logic
LOW
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com