Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP12 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBP12
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP12 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBP12 Datasheet HTML 15Page - STMicroelectronics LNBP12 Datasheet HTML 16Page - STMicroelectronics LNBP12 Datasheet HTML 17Page - STMicroelectronics LNBP12 Datasheet HTML 18Page - STMicroelectronics LNBP12 Datasheet HTML 19Page - STMicroelectronics LNBP12 Datasheet HTML 20Page - STMicroelectronics LNBP12 Datasheet HTML 21Page - STMicroelectronics LNBP12 Datasheet HTML 22Page - STMicroelectronics LNBP12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LNBP20 / LNBP1X series
Package mechanical data
19/24
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.60
0.1417
a1
0.10
0.30
0.0039
0.0118
a2
3.30
0.1299
a3
0
0.10
0
0.0039
b
0.40
0.53
0.0157
0.0209
c
0.23
0.32
0.0090
0.0013
D (1)
15.80
16.00
0.6220
0.630
E
13.90
14.50
0.5472
0.5710
e
1.27
0.0500
e3
11.43
0.4500
E1 (1)
10.90
11.10
0.4291
0.4370
E2
2.90
0.1141
E3
5.8
6.2
0.2283
0.2441
G
0
0.10
0.0000
0.0039
H
15.5
15.9
0.6102
0.6260
h
1.10
0.0433
L
0.80
1.10
0.0314
0.0433
N10°
10°
S0°
8°
0°
8°
T
10.0
0.3937
PowerSO-20 MECHANICAL DATA
0056635/I
(1) “D and E1” do not include mold flash or protusions - Mold flash or protusions shall not exceed 0.15mm (0.006”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com