Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4978 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4978
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4978 Datasheet HTML 5Page - STMicroelectronics L4978 Datasheet HTML 6Page - STMicroelectronics L4978 Datasheet HTML 7Page - STMicroelectronics L4978 Datasheet HTML 8Page - STMicroelectronics L4978 Datasheet HTML 9Page - STMicroelectronics L4978 Datasheet HTML 10Page - STMicroelectronics L4978 Datasheet HTML 11Page - STMicroelectronics L4978 Datasheet HTML 12Page - STMicroelectronics L4978 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L4978
Figure 24. Load transient.
.
Figure 25. Line transient.
.
Figure 26. Soft start capacitor selection Vs
inductor and Vccmax.
Figure 27. Soft start capacitor selection Vs
inductor and Vccmax.
Figure 28. Open loop frequency and phase of
error amplifier .
2
1
D97IN786
VCC
(V)
30
20
10
VO
(mV)
100
0
-100
1ms/DIV
IO = 1A
fsw = 100KHz
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
400
L
(
µH)
D97IN745
680nF
fsw=100KHz
470nF
330nF
220nF
100nF
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
L
(
µH)
56nF
fsw=200KHz
D97IN746
47nF
33nF
22nF
10
103
105
107
f(Hz)
102
104
106
108
-200
-150
-100
-50
GAIN
(dB)
0
50
Phase
0
45
90
135
D97IN787
GAIN
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com