Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4978 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4978
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978 Datasheet(HTML) 2 Page - STMicroelectronics

  L4978 Datasheet HTML 1Page - STMicroelectronics L4978 Datasheet HTML 2Page - STMicroelectronics L4978 Datasheet HTML 3Page - STMicroelectronics L4978 Datasheet HTML 4Page - STMicroelectronics L4978 Datasheet HTML 5Page - STMicroelectronics L4978 Datasheet HTML 6Page - STMicroelectronics L4978 Datasheet HTML 7Page - STMicroelectronics L4978 Datasheet HTML 8Page - STMicroelectronics L4978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L4978
2/13
Table 2. Block Diagram
Figure 3. Pins Connection (Top view)
Table 3. Pin Description
N°
Pin
Name
Function
1
2
GND
Ground
2
3
SS_INH
A logic signal (active low) disables the device (sleep mode operation).
A capacitor connected between this pin and ground determines the soft start time.
When this pin is grounded disables the device (driven by open collector/drain).
3
4
OSC
An external resistor connected between the unregulated input voltage and this pin
and a capacitor connected from this pin to ground fix the switching frequency. (Line
feed forward is automatically obtained)
INHIBIT
SOFTSTART
VOLTAGES
MONITOR
THERMAL
SHUTDOWN
E/A
PWM
3.3V
OSCILLATOR
R
S
Q
INTERNAL
REFERENCE
INTERNAL
SUPPLY
3.3V
5.1V
DRIVE
CBOOT
CHARGE
CBOOT
CHARGE
AT LIGHT
LOADS
2
7
8
FB
COMP
SS_INH
3
1
4
6
5
BOOT
OSC
GND
OUT
VCC
D97IN594
GND
SS_INH
OSC
OUT
1
3
2
4
VCC
BOOT
COMP
FB
8
7
6
5
D97IN595
N.C.
GND
SS_INH
OSC
OUT
N.C.
OUT
N.C.
N.C.
N.C.
BOOT
VCC
COMP
FB
N.C.
N.C.
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
D97IN596
DIP-8
SO16W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com