Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5994 Datasheet HTML 11Page - STMicroelectronics L5994 Datasheet HTML 12Page - STMicroelectronics L5994 Datasheet HTML 13Page - STMicroelectronics L5994 Datasheet HTML 14Page - STMicroelectronics L5994 Datasheet HTML 15Page - STMicroelectronics L5994 Datasheet HTML 16Page - STMicroelectronics L5994 Datasheet HTML 17Page - STMicroelectronics L5994 Datasheet HTML 18Page - STMicroelectronics L5994 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/26
L5994 - L5994A
+3.3V Inductor
To define the inductor, it is necessary to determine firstly the inductance value. Its minimum value is given by:
and a value L3 > L3MIN should be selected. Core geometry selection is connected to the requirements of the
specific application in terms of space utilization and other practical issues like ease of mounting, availability and
so on. As to the material, the choice should be directed towards ferrite, molypermalloy or KoolM
µ, to achieve
high efficiency. These materials provide low core losses (ferrite in particular), so that the design can be concen-
trated on preventing saturation and limiting copper losses. Saturation must be avoided even at maximum peak
current:
To limit copper losses, the winding DC resistance, RL, should be as low as possible (in the range of mΩ). AC
losses can usually be neglected. A practical criterion to minimize DC resistance could be to use the largest wire
that fits the selected core.
Anyway the best solution, whenever possible, is to use an off-the-shelf inductor which meets the requirements
in terms of inductance and maximum DC current. Nowadays there is a broad range of products offered by man-
ufacturer, also for surface mount assemblies.
+5.1V Transformer
The primary winding carries the secondary power as well, thus the total primary average current is:
where VDRLIN is the voltage generated during the recirculation of the primary and fed into the input of the +12V
linear regulator. The turns ratio 1:n of the transformer is chosen so that VDRLIN is above 13V. To reduce the
turns ratio in order to minimize stray parameters, the secondary is referred to the 5.1V output, and therefore the
minimum value is given by:
where Vf is the forward drop across the rectifier (assume 1V to be conservative). Make sure the secondary is
connected with the proper polarity (see fig. 4). The minimum primary inductance value can be expressed as:
where RF, to get positive values for L5PMIN, must satisfy the inequality:
and where VIN can be either VINMIN or VINMAX, whichever gives the higher value for L5PMIN. With a primary in-
ductance L5P > L5PMIN the primary peak current, which must not saturate the magnetic core, will be:
As to the transformer realization, the considerations regarding to the +3.3V inductor can be here repeated.
L
3M IN
3.3
V
IN M AX
3.3
–
()
–
V
IN MAX
f
SW
I
OUT3
RF
⋅⋅
⋅
---------------------------------------------------------------------
=
I
L3PK
I
OUT3
3.3
V
IN M AX
3.3
–
()
⋅
2f
SW
L
3
V
IN M AX
⋅⋅
⋅
------------------------------------------------------
+
=
I
TO T5
I
OU T 5
V
IN LIN
I
OUT12
⋅
5.1
-----------------------------------------
+
=
η
MIN
V
IN LIN
5.1
–
V
f
+
5.1
--------------------------------------------
=
L
5pm in
3
4
---
5.1
V
IN
5.1
–
()
2
⋅
V
IN
f
SW
I
TO T5
RF
V
IN
5.1
–
() η
–
V
IN
I
OUT12
⋅⋅
⋅
⋅
[]
⋅⋅
---------------------------------------------------------------------------------------------------------------------------------------------
⋅
=
RF
η V
IN
I
OUT12
⋅⋅
I
TOT5
V
IN
5.1
–
()
⋅
------------------------------------------------
>
I
5PK
I
5TO T
5.1
V
IN MA X
5.1
–
()
⋅
2f
SW
L
5P
V
IN M AX
⋅⋅
⋅
----------------------------------------------------------
η I
OUT12
⋅
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com