Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L5994 Datasheet HTML 18Page - STMicroelectronics L5994 Datasheet HTML 19Page - STMicroelectronics L5994 Datasheet HTML 20Page - STMicroelectronics L5994 Datasheet HTML 21Page - STMicroelectronics L5994 Datasheet HTML 22Page - STMicroelectronics L5994 Datasheet HTML 23Page - STMicroelectronics L5994 Datasheet HTML 24Page - STMicroelectronics L5994 Datasheet HTML 25Page - STMicroelectronics L5994 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
L5994 - L5994A
24/26
Figure 9. Demo Board Efficiency vs Output
Current
Figure 10. Demo Board Efficiency vs Output
Current
Figure 11. Demo Board Efficiency vs Output
Current
Figure 12. Demo Board Efficiency vs Output
Current
Figure 13. Demo Board Overall Efficiency (Iout3
= 3A, REG12 = OPEN, OSC = GND)
Figure 14. Demo Board Overall Efficiency (Iout5 =
3A, REG12 = OPEN, OSC = GND)
0.001
0.005 0.01
0.05 0.1
0.5
1
5 I
O
(A)
50
60
70
80
90
D96IN420
EFF.
(%)
Vin=6V
Vin=20V
Vin=15V
VO=5.1V
fSW=200KHz
RUN3=GND
NOSKIP=GND
0.001
0.005 0.01
0.05 0.1
0.5
1
5 I
O
(A)
50
60
70
80
90
D96IN421
EFF.
(%)
Vin=6V
Vin=20V
Vin=15V
VO=5.1V
fSW=300KHz
RUN3=GND
NOSKIP=GND
0.001
0.005 0.01
0.05 0.1
0.5
1
5 I
O
(A)
50
60
70
80
90
D96IN422A
EFF.
(%)
Vin=6V
Vin=20V
Vin=15V
VO=3.3V
fSW=200KHz
RUN5=GND
NOSKIP=GND
0.001
0.005 0.01
0.05 0.1
0.5
1
5 I
O
(A)
50
60
70
80
90
D96IN423A
EFF.
(%)
Vin=6V
Vin=20V
Vin=15V
VO=3.3V
fSW=300KHz
RUN5=GND
NOSKIP=GND
0.001
0.005 0.01
0.05 0.1
0.5
1
5 I
OUT5
(A)
87
88
89
90
91
92
EFF.
(%)
Vin=6V
Vin=20V
D97IN581
93
0.001
0.005 0.01
0.05 0.1
0.5
1
5I
OUT3
(A)
89
90
EFF.
(%)
Vin=6V
Vin=20V
D97IN582
91
92
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com