Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C322 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27C322
Description  32 Mbit (2Mb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C322 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27C322 Datasheet HTML 15Page - STMicroelectronics M27C322 Datasheet HTML 16Page - STMicroelectronics M27C322 Datasheet HTML 17Page - STMicroelectronics M27C322 Datasheet HTML 18Page - STMicroelectronics M27C322 Datasheet HTML 19Page - STMicroelectronics M27C322 Datasheet HTML 20Page - STMicroelectronics M27C322 Datasheet HTML 21Page - STMicroelectronics M27C322 Datasheet HTML 22Page - STMicroelectronics M27C322 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M27C322
Package mechanical
19/24
5
Package mechanical
Figure 9.
FDIP42W - 42 pin Ceramic Frit-seal DIP, with window (0.370" x 0.450"),
package outline
1.
Drawing is not to scale.
Table 12.
FDIP42W - 42 pin Ceramic Frit-seal DIP, with window (0.370" x 0.450"),
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
5.71
0.225
A1
0.50
1.78
0.020
0.070
A2
3.90
5.08
0.154
0.200
B
0.40
0.55
0.016
0.022
B1
1.27
1.52
0.050
0.060
C
0.22
0.31
0.009
0.012
D
54.81
2.158
D2
50.80
–
–
2.000
–
–
E
15.24
0.600
E1
14.50
14.90
0.571
0.587
e
2.29
2.79
0.090
0.110
eA
15.40
15.80
0.606
0.622
eB
16.17
18.32
0.637
0.721
K
9.32
9.47
0.367
0.373
K1
11.30
11.55
0.445
0.455
L
3.18
4.10
0.125
0.161
S
1.52
2.49
0.060
0.098
α
4°
15°
4°
15°
N42
42
FDIPW-C
A2
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
eA
D2
K
K1
α
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com