Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C322 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M27C322
Description  32 Mbit (2Mb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C322 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M27C322 Datasheet HTML 16Page - STMicroelectronics M27C322 Datasheet HTML 17Page - STMicroelectronics M27C322 Datasheet HTML 18Page - STMicroelectronics M27C322 Datasheet HTML 19Page - STMicroelectronics M27C322 Datasheet HTML 20Page - STMicroelectronics M27C322 Datasheet HTML 21Page - STMicroelectronics M27C322 Datasheet HTML 22Page - STMicroelectronics M27C322 Datasheet HTML 23Page - STMicroelectronics M27C322 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M27C322
Package mechanical
21/24
Figure 11.
SDIP42 - 42 pin Shrink Plastic DIP, 600 mils width, package outline
1.
Drawing is not to scale.
Table 14.
SDIP42 - 42 pin Shrink Plastic DIP, 600 mils width, package mechanical
data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.81
3.05
4.57
0.150
0.120
0.180
b
0.46
0.38
0.56
0.018
0.015
0.022
b2
1.02
0.89
1.14
0.040
0.035
0.045
c
0.25
0.23
0.38
0.010
0.009
0.015
D
36.83
36.58
37.08
1.450
1.440
1.460
e1.78–
0.070
E
15.24
16.00
0.600
0.630
E1
13.72
12.70
14.48
0.540
0.500
0.570
eA
15.24
0.600
eB
18.54
0.730
L
3.30
2.54
3.56
0.130
0.100
0.140
S
0.63
0.025
N42
42
SDIP
A2
A1
A
L
b2
b
e
D
S
E1
E
N
1
c
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com