Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998IQT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4998IQT
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998IQT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4998IQT Datasheet HTML 13Page - STMicroelectronics TS4998IQT Datasheet HTML 14Page - STMicroelectronics TS4998IQT Datasheet HTML 15Page - STMicroelectronics TS4998IQT Datasheet HTML 16Page - STMicroelectronics TS4998IQT Datasheet HTML 17Page - STMicroelectronics TS4998IQT Datasheet HTML 18Page - STMicroelectronics TS4998IQT Datasheet HTML 19Page - STMicroelectronics TS4998IQT Datasheet HTML 20Page - STMicroelectronics TS4998IQT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TS4998
Electrical characteristics
17/33
Figure 50.
Current consumption vs. standby
voltage
Figure 51.
Current consumption vs. standby
voltage
01
23
45
0
1
2
3
4
5
6
7
8
One channel active
Standby Voltage (V)
Vcc = 5V
No load
Tamb = 25
°C
Both channels active
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
One channel active
Standby Voltage (V)
Vcc = 3.3V
No load
Tamb = 25
°C
Both channels active
Figure 52.
Current consumption vs. standby
voltage
Figure 53.
Standby current vs. power supply
voltage
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
One channel active
Standby Voltage (V)
Vcc = 2.7V
No load
Tamb = 25
°C
Both channels active
012
345
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Power Supply Voltage (V)
No load
Tamb = 25
°C
Figure 54.
Frequency response
Figure 55.
Frequency response
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cin=680nF, Rin=12k
Ω
Cin=4.7
μF, Rin=12kΩ
Cin=4.7
μF, Rin=24kΩ
20k
Frequency (Hz)
Cin=330nF, Rin=24k
Ω
Vcc = 5V
Po = 700mW
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cin=680nF, Rin=12k
Ω
Cin=4.7
μF, Rin=12kΩ
Cin=4.7
μF, Rin=24kΩ
20k
Frequency (Hz)
Cin=330nF, Rin=24k
Ω
Vcc = 3.3V
Po = 300mW
ZL = 8
Ω + 500pF
Tamb = 25
°C
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com