Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4998IQT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4998IQT
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998IQT Datasheet(HTML) 1 Page - STMicroelectronics

  TS4998IQT Datasheet HTML 1Page - STMicroelectronics TS4998IQT Datasheet HTML 2Page - STMicroelectronics TS4998IQT Datasheet HTML 3Page - STMicroelectronics TS4998IQT Datasheet HTML 4Page - STMicroelectronics TS4998IQT Datasheet HTML 5Page - STMicroelectronics TS4998IQT Datasheet HTML 6Page - STMicroelectronics TS4998IQT Datasheet HTML 7Page - STMicroelectronics TS4998IQT Datasheet HTML 8Page - STMicroelectronics TS4998IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
December 2007
Rev 1
1/33
33
TS4998
2 x 1W differential input stereo audio amplifier
Features
■ Operating range from VCC= 2.7V to 5.5V
■ 1W output power per channel @ VCC=5V,
THD+N=1%, RL=8Ω
■ Ultra low standby consumption: 10nA typ.
■ 80dB PSRR @ 217Hz with grounded inputs
■ High SNR: 106dB(A) typ.
■ Fast startup time: 45ms typ.
■ Pop&click-free circuit
■ Dedicated standby pin per channel
■ Lead-free QFN16 4x4mm package
Applications
■ Cellular mobile phones
■ Notebook and PDA computers
■ LCD monitors and TVs
■ Portable audio devices
Description
The TS4998 is designed for top-class stereo
audio applications. Thanks to its compact and
power-dissipation efficient QFN16 package with
exposed pad, it suits a variety of applications.
With a BTL configuration, this audio power
amplifier is capable of delivering 1W per channel
of continuous RMS output power into an 8
Ω load
@ 5V.
Each output channel (left and right), also has its
own external controlled standby mode pin to
reduce the supply current to less than 10nA per
channel. The device also features an internal
thermal shutdown protection.
The gain of each channel can be configured by
external gain setting resistors.
QFN16 4x4mm
Pin connections (top view)
www.st.com


Similar Part No. - TS4998IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990 STMICROELECTRONICS-TS4990 Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
More results

Similar Description - TS4998IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7268 STMICROELECTRONICS-TDA7268 Datasheet
113Kb / 6P
2 x 2W STEREO AUDIO AMPLIFIER
1998-Mar
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
logo
National Semiconductor ...
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
1W Stereo Audio Amplifier Plus Adjustable LDO
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
National Semiconductor ...
LM4816 NSC-LM4816 Datasheet
429Kb / 13P
1W Stereo Audio Amplifier Adjustable Output Limiter
logo
STMicroelectronics
TS4997 STMICROELECTRONICS-TS4997 Datasheet
533Kb / 34P
2 x 1W differential input stereo audio amplifier with programmable 3D effects
20-Feb-2007
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
Princeton Technology Co...
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812_17 Datasheet
1Mb / 11P
132mW Differential Input Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com