Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN606 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN606
Description  6A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN606 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN606 Datasheet HTML 1Page - STMicroelectronics TYN606 Datasheet HTML 2Page - STMicroelectronics TYN606 Datasheet HTML 3Page - STMicroelectronics TYN606 Datasheet HTML 4Page - STMicroelectronics TYN606 Datasheet HTML 5Page - STMicroelectronics TYN606 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
The TYN606 and TYN1006 family of Silicon
Controlled Rectifiers are high performance glass
passivated technology.
This general purpose Family of Silicon Controlled
Rectifiers is designed for power supply up to
400Hz on resistive or inductive load.
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 1000
V
IGT
15
mA
TYN606
TYN1006
6A SCRS
REV. 2
February 2006
STANDARD
Table 2: Order Codes
Part Numbers
Marking
TYN606RG
TYN606
TYN1006RG
TYN1006
A
K
G
A
K
G
A
TO-220AB
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (180° conduction angle)
Tc = 110°C
6A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
3.8
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
73
A
tp = 10 ms
70
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
24.5
A2S
dI/dt
Critical rate of rise of on-state current
IG = 100 mA , dIG/dt = 0.1 A/µs
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
PGM
Maximum gate power
tp = 20 µs
Tj = 125°C
10
W
VDRM
VRRM
Repetitive peak off-state voltage
TYN606
Tj = 125°C
600
V
TYN1006
1000
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
TL
Maximum lead temperature for soldering during 10s at 2mm from case
260
°C


Similar Part No. - TYN606

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN606 STMICROELECTRONICS-TYN606 Datasheet
223Kb / 4P
SCR
Sep-2001
TYN606 STMICROELECTRONICS-TYN606 Datasheet
250Kb / 4P
Silicon controlled rectifiers
logo
Tiger Electronic Co.,Lt...
TYN606 TGS-TYN606 Datasheet
126Kb / 1P
6A SCRs
logo
Kersemi Electronic Co.,...
TYN606 KERSEMI-TYN606 Datasheet
483Kb / 4P
SCR
More results

Similar Description - TYN606

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Tiger Electronic Co.,Lt...
TYN606 TGS-TYN606 Datasheet
126Kb / 1P
6A SCRs
logo
Nell Semiconductor Co.,...
6PT06AI NELLSEMI-6PT06AI Datasheet
147Kb / 5P
Stansard SCRs, 6A
6PT NELLSEMI-6PT_14 Datasheet
333Kb / 5P
Stansard SCRs, 6A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
6PT NELLSEMI-6PT Datasheet
331Kb / 5P
Stansard SCRs, 6A
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com