Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN606 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN606
Description  6A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN606 Datasheet(HTML) 2 Page - STMicroelectronics

  TYN606 Datasheet HTML 1Page - STMicroelectronics TYN606 Datasheet HTML 2Page - STMicroelectronics TYN606 Datasheet HTML 3Page - STMicroelectronics TYN606 Datasheet HTML 4Page - STMicroelectronics TYN606 Datasheet HTML 5Page - STMicroelectronics TYN606 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TYN606 / TYN1006
2/6
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Thermal Resistance
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V (D.C.)
RL = 33 Ω
MAX.
15
mA
VGT
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 110°C
MIN.
0.2
V
tgt
VD = VDRM IG = 40 mA dIG/dt = 0.5 A/µs
TYP.
2
µs
IH
IT = 100 mA Gate open
MAX.
30
mA
IL
IG = 1.2 x IGT
TYP.
50
mA
dV/dt
Linear slope up to:
VD = 67 % VDRM Gate open
Tj = 110°C
MIN.
200
V/µs
VTM
ITM = 12 A tp = 380 µs
MAX.
1.6
V
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 110°C
2mA
tq
VD = 67 % VDRM ITM = 12 A VR = 25 V
dITM/dt = 30 A/µs dVD/dt = 50 V/µs
Tj = 110°C
TYP.
70
µs
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (D.C.)
2.5
°C/W
Rth(j-a)
Junction to ambient
60
°C/W
Figure 1: Maximum average power dissipation
versus average on-state current
Figure
2:
Correlation
between
maximum
average power dissipation and maximum
allowable temperature (Tamb and Tlead)
P(W)
I
(A)
T(AV)
360°
α
α = 180°
DC
α = 120°
α = 90°
α = 60°
α = 30°
7
6
5
4
3
2
1
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
125
110
115
120
P(W)
T
(°C)
lead
7
6
5
4
3
2
1
0
T
(°C)
amb
α = 180°
R = 0°C/W
th
R = 5°C/W
th
R = 10°C/W
th
R = 15°C/W
th



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com