Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6750 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6750
Description  2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6750 Datasheet(HTML) 1 Page - STMicroelectronics

  L6750 Datasheet HTML 1Page - STMicroelectronics L6750 Datasheet HTML 2Page - STMicroelectronics L6750 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 1
1/3
3
L6750
2 to 5 phase controller with LTB technology®
for VR11.x and AMD6bit CPUs featuring I2C interface
Features
■ LTB technology® to enhance load transient
■ I2C power manager
■ 2 to 5 scalable phase operation
■ Dual-edge asynchronous architecture
■ Flexible driver support
■ PSI# input and IMON output for VR11.1
■ 7/8 bit programmable output - VR10/11.x DAC
■ 6 bit programmable output - AMD AM2 DAC
■ 0.5 % output voltage accuracy
■ Full-differential current sense across inductor
DCR
■ Integrated remote sense buffer
■ Adaptive Voltage Positioning (AVP)
■ Feedback disconnection protection
■ Adjustable oscillator from 100 kHz to 1 MHz
■ LSLess startup to manage pre-biased output
■ Programmable Soft-start
■ Threshold sensitive enable pin for VTT
Sensing
■ VFQFPN48 7x7 mm package
Applications
■ High-Current VRM / VRD for desktop / server /
workstation CPUs
■ Graphic cards
■ Low-voltage, high-current power supplies
■ High-density DC DC converters
Description
L6750 is a two-to-five phase controller designed
to power Intel’s most demanding PIV Processors
and, most in general, low-voltage, high-current
power supplies. The device features LTB
technology® to provide the fastest response to
load transients thus minimizing the output filter
composition.
L6750 features Power Manager I2C to implement
overspeeding and other power management
options without using any external component.
The device embeds selectable DAC: Output Volt-
age is programmable up to 1.6000V (Intel VR10
and VR11.x DACs) or up to 1.550V (AMD 6bit
DAC) managing DVID transitions with ±0.5% out-
put voltage accuracy over line, load and tempera-
ture variations.
The device assures fast protection against load
over current, under / over voltage and feedback
disconnections. Low-Side-Less start-up allows
soft-start over pre-biased output avoiding danger-
ous current return through the main inductors as
well as negative spike at the load side.L6750 is
available in VFQFPN48 7x7 mm package
VFQFPN48 - 7x7 mm
Table 1.
Device summary
Order code
Package
Packing
L6750
VFQFPN48
Tube
L6750TR
VFQFPN48
Tape and reel
www.st.com


Similar Part No. - L6750

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
STMicroelectronics
L6751 STMICROELECTRONICS-L6751 Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751BTR STMICROELECTRONICS-L6751BTR Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751C STMICROELECTRONICS-L6751C Datasheet
1Mb / 57P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Jul-2013
More results

Similar Description - L6750

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 21, 2006
logo
STMicroelectronics
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
07-Nov-2006
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
February 15, 2007
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
04-Aug-2008
logo
Feature Integration Tec...
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
Four-Phase Linear Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com