Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet (PDF) - STMicroelectronics

L6714 Datasheet PDF - STMicroelectronics
Part # L6714
Download  L6714 Download
File Size   677.87 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs

L6714 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6714 Datasheet PDF - STMicroelectronics

Part # L6714
Download  L6714 Click to download

File Size   677.87 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs

L6714 Datasheet (HTML) - STMicroelectronics


L6714 Product details

Description
L6714 implements a four phase step-down controller with 90º phase-shift between each phase with integrated high current drivers in a compact 10mm x 10mm body package with exposed pad.

Features
■ 0.5% output voltage accuracy
■ 7/8 bit programmable output up to 1.60000V - Intel VR10.x, VR11 DAC
■ 6 bit programmable output up to 1.5500V - AMD 6Bit DAC
■ High current integrated gate drivers
■ Full differential current sensing across inductor or low side MOSFET
■ Embedded VRD thermal monitor
■ Integrated remote sense buffer
■ Dynamic VID management
■ Adjustable reference voltage offset
■ Programmable Soft-Start
■ Low-Side-Less startup
■ Programmable over voltage protection
■ Preliminary over voltage
■ Constant over current protection
■ Oscillator internally fixed at 150kHz externally adjustable
■ Output enable
■ SS_END / PGOOD signal
■ TQFP64 10mm x 10mm package with Exposed Pad

Application
■ High current VRD for desktop CPUs
■ Workstation and server CPU power supply
■ VRM modules




Similar Part No. - L6714

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
L6711TR STMICROELECTRONICS-L6711TR Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
More results


Similar Description - L6714

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
February 15, 2007
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
February 14, 2007
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
April 29, 2010
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
04-Aug-2008
logo
Intersil Corporation
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
February 25, 2010
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com