Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 5Page - STMicroelectronics L6714 Datasheet HTML 6Page - STMicroelectronics L6714 Datasheet HTML 7Page - STMicroelectronics L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics L6714 Datasheet HTML 10Page - STMicroelectronics L6714 Datasheet HTML 11Page - STMicroelectronics L6714 Datasheet HTML 12Page - STMicroelectronics L6714 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
L6714
Pin settings
9/70
25
CS4-
Channel 4 Current Sense Negative Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Drain.
Inductor DCR Sense: connect through a Rg resistor to the output-side of the
channel 4 inductor.
See “Layout guidelines” Section for proper layout of this connection.
26
CS2+
Channel 2 Current Sense Positive Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Source.
Inductor DCR Sense: connect through an R-C filter to the phase-side of the
channel 2 inductor.
See “Layout guidelines” Section for proper layout of this connection.
27
CS2-
Channel 2 Current Sense Negative Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Drain.
Inductor DCR Sense: connect through a Rg resistor to the output-side of the
channel 2 inductor.
See “Layout guidelines” Section for proper layout of this connection.
28
CS3+
Channel 3 Current Sense Positive Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Source.
Inductor DCR Sense: connect through an R-C filter to the phase-side of the
channel 3 inductor.
See “Layout guidelines” Section for proper layout of this connection.
29
CS3-
Channel 3 Current Sense Negative Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Drain.
Inductor DCR Sense: connect through a Rg resistor to the output-side of the
channel 3 inductor.
See “Layout guidelines” Section for proper layout of this connection.
30
CS1+
Channel 1 Current Sense Positive Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Source.
Inductor DCR Sense: connect through an R-C filter to the phase-side of the
channel 1 inductor.
See “Layout guidelines” Section for proper layout of this connection.
31
CS1-
Channel 1 Current Sense Negative Input.
LS Mosfet Sense: connect through a resistor Rg to the LS mosfet Drain.
Inductor DCR Sense: connect through a Rg resistor to the output-side of the
channel 1 inductor.
See “Layout guidelines” Section for proper layout of this connection.
32
OFFSET
Offset Programming Pin.
Internally fixed at 1.240V, connecting a ROFFSET resistor vs. SGND allows
setting a current that is mirrored into FB pin in order to program a positive offset
according to the selected RFB. Short to SGND to disable the function.
See “Offset (Optional)” Section for details.
Table 1.
Pin functions
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com