Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 44Page - STMicroelectronics L6714 Datasheet HTML 45Page - STMicroelectronics L6714 Datasheet HTML 46Page - STMicroelectronics L6714 Datasheet HTML 47Page - STMicroelectronics L6714 Datasheet HTML 48Page - STMicroelectronics L6714 Datasheet HTML 49Page - STMicroelectronics L6714 Datasheet HTML 50Page - STMicroelectronics L6714 Datasheet HTML 51Page - STMicroelectronics L6714 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Output voltage monitor and protections
L6714
48/70
16.3
Over voltage and programmable OVP
Once VCC crosses the turn-ON threshold and the device is enabled (OUTEN = 1), L6714
provides an Over Voltage Protection: when the voltage sensed by VSEN overcomes the
OVP threshold, the controller permanently switches on all the low-side MOSFET and
switches off all the high-side MOSFET in order to protect the load. The OSC/ FAULT pin is
driven high (5V) and power supply or OUTEN pin cycling is required to restart
operations.The OVP Threshold varies according to the operative mode selected (See
Table 10).
The OVP threshold can be also programmed through the OVP pin: leaving the pin floating, it
is internally pulled-up and the OVP threshold is set according to Table 10. Connecting the
OVP pin to SGND through a resistor ROVP, the OVP threshold becomes the voltage present
at the pin. Since the OVP pin sources a constant IOVP = 12.5µA current(See Table 10), the
programmed voltage becomes:
Filter OVP pin with 100pF(max) vs. SGND.
16.4
PGOOD (Only for AMD mode)
It is an open-drain signal set free after the soft-start sequence has finished. It is pulled low
when the output voltage drops below -300mV of the programmed voltage.
OVP
TH
R
OVP
12.5
µA
⋅
=
R
OVP
OVP
TH
12.5
µA
--------------------
=
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com