Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 46Page - STMicroelectronics L6714 Datasheet HTML 47Page - STMicroelectronics L6714 Datasheet HTML 48Page - STMicroelectronics L6714 Datasheet HTML 49Page - STMicroelectronics L6714 Datasheet HTML 50Page - STMicroelectronics L6714 Datasheet HTML 51Page - STMicroelectronics L6714 Datasheet HTML 52Page - STMicroelectronics L6714 Datasheet HTML 53Page - STMicroelectronics L6714 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Over current protection
L6714
50/70
18
Over current protection
Depending on the current reading method selected, the device limits the peak or the bottom
of the inductor current entering in constant current until setting UVP as below explained.
The Over Current threshold has to be programmed, by designing the Rg resistors, to a safe
value, in order to be sure that the device doesn't enter OCP during normal operation of the
device. This value must take into consideration also the extra current needed during the
Dynamic VID Transition ID-VID and, since the device reads across MOSFET RdsON or
inductor DCR, the process spread and temperature variations of these sensing elements.
Moreover, since also the internal threshold spreads, the Rg design has to consider the
minimum value IOCTH(min) of the threshold as follow:
where IOCPx is the current measured by the current reading circuitry when the device enters
Quasi-Constant-Current. IOCPx must be calculated starting from the corresponding output
current value IOUT(OCP) as follow (ID-VID must also be considered when D-VID are
implemented) considering that the device performs Track & Hold only for the LS sense
mode:
where IOUT(OCP) is still the output current value at which the device enters Quasi-Constant-
Current, IPP is the inductor current ripple in each phase ID-VID is the additional current
required by D-VID (when applicable) and N the number of phases. In particular, since the
device limits the peak or the valley of the inductor current (according to DAC/CS_SEL
status), the ripple entity, when not negligible, impacts on the real OC threshold value and
must be considered.
Rg
I
OCPx max
()
R
SENSE max
()
⋅
I
OCTH min
()
-----------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
N
---------------------------
∆I
PP
2
------------
I
DVID
–
N
------------------
+
–
LowSideMosfetSense
I
OUT OCP
()
N
---------------------------
∆I
PP
2
------------
I
DVID
–
N
------------------
++
InductorDCRSense
⎩
⎪
⎪
⎨
⎪
⎪
⎧
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com