Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 12Page - STMicroelectronics L6714 Datasheet HTML 13Page - STMicroelectronics L6714 Datasheet HTML 14Page - STMicroelectronics L6714 Datasheet HTML 15Page - STMicroelectronics L6714 Datasheet HTML 16Page - STMicroelectronics L6714 Datasheet HTML 17Page - STMicroelectronics L6714 Datasheet HTML 18Page - STMicroelectronics L6714 Datasheet HTML 19Page - STMicroelectronics L6714 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
Electrical characteristics
L6714
16/70
Gate drivers
tRISE_UGATEx HS rise time
BOOTx - PHASEx = 10V;
CUGATEx to PHASEx = 3.3nF
15
30
ns
IUGATEx
HS source current
BOOTx - PHASEx = 10V
2
A
RUGATEx
HS sink resistance
BOOTx - PHASEx = 12V
1.5
2
2.5
Ω
tRISE_LGATEx
LS rise time
VCCDRx = 10V;
CLGATEx to PGNDx = 5.6nF
30
55
ns
ILGATEx
LS source current
VCCDRx = 10V
1.8
A
RLGATEx
LS sink resistance
VCCDRx = 12V
0.7
1.1
1.5
Ω
Protections
OVP
Over voltage protection
(VSEN Rising)
Intel mode; before VBOOT
1.300
V
Intel mode; above VID
100
150
200
mV
AMD mode
1.700
1.740
1.780
V
Program-
mable OVP
IOVP current
OVP = SGND
11.5
12.5
13.5
µA
Comparator offset voltage
OVP = 1.8V
-50
0
50
mV
Pre-OVP
Preliminary over voltage
protection
UVLOOVP < VCC < UVLOVCC
VCC > UVLOVCC &
OUTEN = SGND
1.800
V
Hysteresis
350
mV
UVP
Under voltage protection
VSEN falling; below VID
-750
mV
PGOOD
PGOOD threshold
AMD mode;
VSEN falling; below VID
-300
mV
VSSEND/
PGOOD
SSEND / PGOOD
Voltage low
I = -4mA
0.4
V
Thermal Monitor
VTM
TM Warning (VR_FAN)
VTM rising
3.2
V
TM Alarm (VR_HOT)
VTM rising
3.6
V
TM Hysteresis
100
mV
VVR_HOT;
VVR_FAN
VR_HOT voltage low;
VR_FAN voltage low
I = -4mA
0.4
0.4
V
V
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com