Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 38Page - STMicroelectronics L6714 Datasheet HTML 39Page - STMicroelectronics L6714 Datasheet HTML 40Page - STMicroelectronics L6714 Datasheet HTML 41Page - STMicroelectronics L6714 Datasheet HTML 42Page - STMicroelectronics L6714 Datasheet HTML 43Page - STMicroelectronics L6714 Datasheet HTML 44Page - STMicroelectronics L6714 Datasheet HTML 45Page - STMicroelectronics L6714 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Soft start
L6714
42/70
15
Soft start
L6714 implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. The device increases the reference from
zero up to the programmed value in different ways according to the selected Operative
Mode and the output voltage increases accordingly with closed loop regulation.
The device implements Soft-Start only when all the power supplies are above their own turn-
on thresholds and the OUTEN pin is set free.
At the end of the digital Soft-Start, SS_END/PGOOD signal is set free. Protections are
active during this phase; Under Voltage is enabled when the reference voltage reaches 0.6V
while Over Voltage is always enabled with a threshold dependent on the selected Operative
Mode or with the fixed threshold programmed by ROVP (See “Over voltage and
programmable OVP” Section).
Figure 14. Soft start
OUTEN
SS_END
Intel Mode
VOUT
t
t
t
T1 T2 T3 T4
TSS
OUTEN
PGOOD
AMD 6BIT Mode
VOUT
t
t
t
TSS
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com