Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 58Page - STMicroelectronics L6714 Datasheet HTML 59Page - STMicroelectronics L6714 Datasheet HTML 60Page - STMicroelectronics L6714 Datasheet HTML 61Page - STMicroelectronics L6714 Datasheet HTML 62Page - STMicroelectronics L6714 Datasheet HTML 63Page - STMicroelectronics L6714 Datasheet HTML 64Page - STMicroelectronics L6714 Datasheet HTML 65Page - STMicroelectronics L6714 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Tolerance band (TOB) definition
L6714
62/70
23.2
Ext. current sense circuit tolerance
(TOB CurrSense - Inductor Sense)
It can be further sliced as follow:
●
Inductor DCR Tolerance (kDCR). Variations in the inductor DCR impacts on the output
voltage since the device reads a current that is different from the real current flowing
into the sense element. As a results, the controller will source a IDROOP current different
from the nominal. The results will be an AVP different from the nominal in the same
percentage as the DCR is different from the nominal. Since all the sense elements
results to be in parallel, the error related to the inductor DCR has to be divided by the
number of phases (N).
●
Trans-conductance resistors tolerance (kRg). Variations in the Rg resistors impacts in
the current reading circuit gain and so impacts on the output voltage. The results will be
an AVP different from the nominal in the same percentage as the Rg is different from
the nominal. Since all the sense elements results to be in parallel, and so the three
current reading circuits, the error related to the Rg resistors has to be divided by the
number of phases (N).
●
NTC Initial Accuracy (kNTC_0). Variations in the NTC nominal value at room
temperature used for the thermal compensation impacts on the AVP in the same
percentage as before. In addition, the benefit of the division by the number of phases N
cannot be applied in this case.
●
NTC Temperature Accuracy (kNTC). NTC variations from room to hot also impacts on
the output voltage positioning. The impact is bigger as big is the temperature variation
from room to hot (
∆T).
●
All these parameters impacts the AVP, so they must be weighted on the maximum
voltage swing from zero load up to the maximum electrical current (VAVP). Total error
from external current sense circuit results:
TOB
CurrSense
V
AVP
2
k
DCR
2
N
--------------
k
Rg
2
N
---------
k
NTC0
2
α∆Tk
NTC
⋅⋅
DCR
---------------------------------------
⎝⎠
⎛⎞
2
++
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com