Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 11Page - STMicroelectronics L6714 Datasheet HTML 12Page - STMicroelectronics L6714 Datasheet HTML 13Page - STMicroelectronics L6714 Datasheet HTML 14Page - STMicroelectronics L6714 Datasheet HTML 15Page - STMicroelectronics L6714 Datasheet HTML 16Page - STMicroelectronics L6714 Datasheet HTML 17Page - STMicroelectronics L6714 Datasheet HTML 18Page - STMicroelectronics L6714 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
L6714
Electrical characteristics
15/70
Reference and DAC
kVID
Output voltage accuracy
Intel mode
VID = 1.000V to VID = 1.600V
FBR = VOUT; FBG = GNDOUT
-0.5
-
0.5
%
AMD mode
VID=1.000V to VID = 1.550V
FBR = VOUT; FBG = GNDOUT
-0.6
-
0.6
%
REF
Reference accuracy
AMD mode; respect VID
-10
-
10
mV
VBOOT
Boot voltage
Intel mode
1.081
V
IVID
VID Pull-up current
Intel mode; VIDx to SGND
25
µA
VID Pull-down current
AMD mode; VIDx to 5.4V
12.5
µA
VIDIL
VID thresholds
Intel mode; Input Low
AMD mode; Input Low
0.3
0.8
V
VIDIH
Intel mode; Input High
AMD mode; Input High
0.8
1.35
V
VID_SEL
VID_SEL threshold
(Intel mode)
Input low
Input high
0.8
0.3
V
Error amplifier and remote buffer
A0
EA DC gain
80
dB
SR
EA slew rate
COMP = 10pF to SGND
20
V/
µs
RB DC gain
1
V/V
CMRR
Remote buffer common mode
rejection ratio
40
dB
Differential current sensing and offset
ICSx+
Bias current
LS sense
Inductor sense
25
0
µA
Current sense mismatch
Rg = 1k
Ω; IINFOx = 25µA
-3
-
3
%
IOCTH
Over current threshold
ICSx-(OCP) - ICSx-(0)
30
35
40
µA
kIDROOP
Droop current deviation from
nominal value
OFFSET = SGND; Rg = 1k
Ω
IDROOP = 0 to 80µA;
-2
-
2
µA
KIOFFSET
Offset current accuracy
IOFFSET = 50µA to 250µA-8
-
8
%
IOFFSET
OFFSET current range
0
250
µA
VOFFSET
OFFSET pin bias
IOFFSET = 0 to 250µA1.240
V
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
I
INFOx
I
AVG
–
I
AVG
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com