Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 7Page - STMicroelectronics L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics L6714 Datasheet HTML 10Page - STMicroelectronics L6714 Datasheet HTML 11Page - STMicroelectronics L6714 Datasheet HTML 12Page - STMicroelectronics L6714 Datasheet HTML 13Page - STMicroelectronics L6714 Datasheet HTML 14Page - STMicroelectronics L6714 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
L6714
Pin settings
11/70
46
SS_END/
PGOOD
SSEND - Intel Mode. Soft Start END Signal.
Open Drain Output set free after SS has finished and pulled low when triggering
any protection. Pull up to a voltage lower than 5V (typ), if not used it can be left
floating.
PGOOD - AMD Mode.
Open Drain Output set free after SS has finished and pulled low when VSEN is
lower than the relative threshold. Pull up to a voltage lower than 5V (typ), if not
used it can be left floating.
47
VR_HOT
Voltage Regulator HOT. Over Temperature Alarm Signal.
Open Drain Output, set free when TM overcomes the Alarm Threshold.
Thermal Monitoring Output enabled if Vcc > UVLOVCC.
See “Thermal monitor” Section for details and typical connections.
48
VR_FAN
Voltage Regulator FAN. Over Temperature Warning Signal.
Open Drain Output, set free when TM overcomes the Warning Threshold.
Thermal Monitoring Output enabled if Vcc > UVLOVCC.
See “Thermal monitor” Section for details and typical connections.
49
TM
Thermal Monitor Input.
It senses the regulator temperature through apposite network and drives
VR_FAN and VR_HOT accordingly.Short TM pin to SGND if not used.
See “Thermal monitor” Section for details and typical connections.
50
SGND
All the internal references are referred to this pin. Connect to the PCB Signal
Ground.
51
VCCDR4
Channel 4 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND4.
52
LGATE4
Channel 4 LS Driver Output. A small series resistor helps in reducing device-
dissipated power.
53
PGND4
Channel 4 LS Driver return path. Connect to Power ground Plane.
54
PGND2
Channel 2 LS Driver return path. Connect to Power ground Plane.
55
LGATE2
Channel 2 LS Driver Output. A small series resistor helps in reducing device-
dissipated power.
56
VCCDR2
Channel 2 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND2.
57
VCCDR3
Channel 3 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND3.
58
LGATE3
Channel 3 LS Driver Output.A small series resistor helps in reducing device-
dissipated power.
59
PGND3
Channel 3 LS Driver return path. Connect to Power ground Plane.
Table 1.
Pin functions
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com