Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 55Page - STMicroelectronics L6714 Datasheet HTML 56Page - STMicroelectronics L6714 Datasheet HTML 57Page - STMicroelectronics L6714 Datasheet HTML 58Page - STMicroelectronics L6714 Datasheet HTML 59Page - STMicroelectronics L6714 Datasheet HTML 60Page - STMicroelectronics L6714 Datasheet HTML 61Page - STMicroelectronics L6714 Datasheet HTML 62Page - STMicroelectronics L6714 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
L6714
System control loop compensation
59/70
Compensation network can be simply designed placing
ωF=ωLC and imposing the cross-over
frequency
ωT as desired obtaining (always considering that ωT might be not higher than
1/10th of the switching frequency FSW):
21.1
Compensation network guidelines
The Compensation Network design assures to having system response according to the
cross-over frequency selected and to the output filter considered: it is anyway possible to
further fine-tune the compensation network modifying the bandwidth in order to get the best
response of the system as follow (See Figure 24):
●
Increase RF to increase the system bandwidth accordingly;
●
Decrease RF to decrease the system bandwidth accordingly;
●
Increase CF to move ωF to low frequencies increasing as a consequence the system
phase margin.
Having the fastest compensation network gives not the confidence to satisfy the
requirements of the load: the inductor still limits the maximum dI/dt that the system can
afford. In fact, when a load transient is applied, the best that the controller can do is to
“saturate” the duty cycle to its maximum (dMAX) or minimum (0) value. The output voltage
dV/dt is then limited by the inductor charge / discharge time and by the output capacitance.
In particular, the most limiting transition corresponds to the load removal since the inductor
results being discharged only by VOUT (while it is charged by dMAXVIN-VOUT during a load
appliance).
Referring to Figure 24-left, further tuning the Compensation network cannot give any
improvements unless the output filter changes: only modifying the main inductors ot the
output capacitance improves the system response.
Figure 24. RF-CF impact on bandwidth.
R
F
R
FB
∆V
OSC
⋅
V
IN
-------------------------------------
5
4
---
ω
T
L
NR
DROOP
ESR
+
()
⋅
-----------------------------------------------------------
⋅⋅
⋅
=
C
F
C
O
L
N
----
⋅
R
F
------------------------
=
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
RF
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com